Part Number Hot Search : 
MAS6181B EGA16 EC2A01N 1N5333B 16PJ500 T73227 EGA16 SMBJ20
Product Description
Full Text Search
 

To Download KB10-15S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  90 10 w 10 w att single and dual output, att single and dual output, pcb mountable pcb mountable ac/dc switching power supply ac/dc switching power supply features e e l l e e c c t t r r i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s e e l l e e c c t t r r i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s input voltage.............................................. ac 85v-264v input frequency.......................................... 47-63 hz input current............................................... vin= 115v 0.18a vin= 230v 0.12a inrush current............................................. vin= 100v 3.2a vin= 230v 7.5a all specifications are typical at nominal input, full load. i i n n p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s i i n n p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s switching frequency................................... 100 khz typ mtbf.......................................................... >280,000 hours typ isolation voltage primary to secondary............... 3000 vac primary to case........................ 1500 vac secondary to case.................... 500 vac isolation resistance.................................... 100 m ? g g e e n n e e r r a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s g g e e n n e e r r a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s board level encapsulated thru- hole pins p p h h y y s s i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s p p h h y y s s i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s operating temperature .............................. 0 ? c ~ +60 ? c derates linearly 2.5%/ ? c after 50 ? c cooling........................................................ convection temperature coefficient.............................. 0.02% / ? c humidity...................................................... 20~85% rh storage temperature.................................. -20 ? ~ +85 ? c shock/vibration........................................... shock: 20g (3 directions each 3 times) vibration: 1~55hz e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s output voltage............................................ see chart output adjustment...................................... no adjustment efficiency..................................................... 75~80% over-voltage protection.............................. n/a over-current protection.............................. automatic recovery (105% min) ripple and noise......................................... 150 mvp-p (typ.) hold-up time.............................................. vin= 100v 11msec vin= 230v 90msec line/load regulation.................................. 0.4% / 1% (max) rise time.................................................... vin= 100v 130msec vin= 230v 115msec leakage current......................................... vin= 100v 0.12 m arms vin= 230v 0.26 m arms o o u u t t p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t p p u u t t s s p p e e c c i i f f i i c c a a t t i i o o n n s s s s a a f f e e t t i i e e s s / / e e m m i i s s a a f f e e t t i i e e s s / / e e m m i i kb10 kb10 pc board mountable super small size high power density universal input / ce-mark high reliability overcurrent protection two year warranty fcc part 15-b en 55022-b
91 series series note: all specifications typical and nominal / full load and 25 ? c unless otherwise noted. avoid sustained operation in overload or dead short conditions. specifications subject to changes without notice. dimensions in mm model kb10-05s kb10-12s KB10-15S kb10-24s kb10-122d kb10-153d input rating 115-230 v 50-60 hz 115-230 v 50-60 hz 115-230 v 50-60 hz 115-230 v 50-60 hz 115-230 v 50-60 hz 115-230 v 50-60 hz output voltage 5 vdc 12 vdc 15 vdc 24 vdc 12 vdc 15 vdc output current 0 ~ 2.0 a 0 ~ 0.9 a 0 ~ 0.7 a 0 ~ 450 ma 45 ~ 450 ma 35 ~ 350 ma efficiency at 100% load (typ.) 75% 80% 80% 80% 80% 80% kb10 series


▲Up To Search▲   

 
Price & Availability of KB10-15S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X